Part Number Hot Search : 
MSM51 T88SC P1593DN FSL9130R AD8352 93LC76 R8C10 0860C
Product Description
Full Text Search
 

To Download 117-HR-E-15-P-VF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rr-hr s eries designed for high volume production, amphenol's rear release crimp connector and contacts provide signi cant cost savings. - emi / rfi shell con guration. - removable, reusable contacts. - automatic and manual tooling available. industrial telecom any industry standard i / o connections stamped and formed contacts rear release crimp connectors rr: ul file : e64911 hr: ul file : e149426 connectors according to mil c24308 standards: current rating 5a voltage rating 500v ac/rms 50hz withstanding voltage rr: 1000v ac/rms 50hz for 1 minute hr: 1000v ac/rms 60hz for 1 minute insulation resistance rr: 5000m ? hr: 1000m ? contact resistance 10m ? max. wire size 20-28 awg max. insulation out .05 ( 1.27) mating and unmating force unit: lb. (kg.) operating temperature 67 f to 221 f (-55 c to +105 c) no. of contacts mate (max.) unmate (min.) rr hr rr hr rr hr 9 (size e) 15 (size e) 6.74 (3.05) 8.42 (3.81) 0.79 (0.36) 1.14 (0.52) 15 (size a) 26 (size a) 11.24 (5.09) 13.16 (5.95) 1.01 (0.46) 2.32 (1.05) 25 (size b) 44 (size b) 18.66 (8.44) 20.46 (9.26) 1.8 (0.81) 3.02 (1.37) 37 (size c) 62 (size c) 27.65 (12.51) 29.78 (13.48) 2.47 (1.1) 3.88 (1.76) 50 (size d) 78 (size d) 32.38 (14.65) 34.96 (15.82) 3.56 (1.6) 4.46 (2.02) contacts under plating crimp side 8 " (0.2m) gold 78 " (2m) nickel gold ash or tin 20 " (0.5m) gold 78 " (2m) nickel gold ash or tin 30 " (0.76m) gold 78 " (2m) nickel gold ash or tin shells steel yellow chromated over zinc or tinned steel with or without dimples on plug connector insulator black glass- lled thermoplastic, ul 94v-0 rear insert brass, 118" up to 197" (3m up to 5m) tinned over nickel 78 up to 118" (2m up to 3m) screwlock brass, 236" up to 394" (6m up to 10m) tinned over nickel 78" up to 118" (2m up to 3m) m aterials and p latings e lectrical d ata c limatic d ata m echanical d ata s pecifications : 29 t elephone : (416) 754-5656 f ax : (416) 754-8668 e-m ail : sales @ amphenolcanada . com
rr-hr s eries 30 t elephone : (416) 754-5656 f ax : (416) 754-8668 e-m ail : sales @ amphenolcanada . com stamped and formed contacts rear release crimp connectors i nches ( mm ) s tandard density rr no. of contacts dimensions ab cde f 9 1.21 (30.84) .98 (24.99) .67 (16.92) .64 (16.24) .44 (11.09) .76 (19.28) 15 1.54 (39.24) 1.31 (33.32) .972 (24.7) .97 (24.56) .76 (19.39) 1.08 (27.51) 25 2.09 (53.04) 1.85 (47.04) 1.53 (38.96) 1.51 (38.38) 1.31 (33.24) 1.63 (41.30) 37 2.73 (69.32) 2.50 (63.50) 2.18 (55.3) 2.16 (54.76) 1.96 (49.86) 2.27 (57.71) 50 2.64 (67) 2.41 (61.11) 2.08 (52.86) 2.06 (52.34) 1.75 (44.32) 2.18 (55.3)
t elephone : (416) 754-5656 f ax : (416) 754-8668 e-m ail : sales @ amphenolcanada . com 31 stamped and formed contacts rear release crimp connectors no. of contacts dimensions abcde 15 1.21 (30.84) .98 (24.99) .67 (16.92) .64 (16.24) .76 (19.28) 26 1.54 (39.24) 1.31 (33.32) .972 (24.7) .97 (24.56) 1.08 (27.51) 44 2.09 (53.04) 1.85 (47.04) 1.53 (38.96) 1.51 (38.38) 1.63 (41.30) 62 2.73 (69.32) 2.50 (63.50) 2.18 (55.42) 2.16 (54.76) 2.27 (57.71) 44 2.64 (67) 2.41 (61.11) 2.08 (52.86) 2.06 (52.34) 2.18 (55.3) rr-hr s eries h igh density hr
32 t elephone : (416) 754-5656 f ax : (416) 754-8668 e-m ail : sales @ amphenolcanada . com p anel mounting option h igh density stamped and formed contacts rear release crimp connectors standard rivet .122 (3.1) no digit float mounting f threaded rear insert h / g fixed front female screwlock vf / vfm standard rivet .120 (3.05) no digit threaded rear insert h / g fixed front female screwlock vf / vfm rr-hr s eries i nches ( mm )
t elephone : (416) 754-5656 f ax : (416) 754-8668 e-m ail : sales @ amphenolcanada . com 33 stamped and formed contacts rear release crimp connectors c ontacts standard density high density awg a b c 20-24 .071 (1.8) .075 (1.9) .098 (2.5) 24-28 .055 (1.4) .059 (1.5) .066 (1.7) rr-hr s eries
34 t elephone : (416) 754-5656 f ax : (416) 754-8668 e-m ail : sales @ amphenolcanada . com stamped and formed contacts rear release crimp connectors left to right feed reel: g right to left feed reel: k for special request, please consult factory housings contacts xxx - rr - x - x - xx - x - xxx 117: yellow chromated shell 177: tinned shell for receptacle 777: tinned shell + dimples for plug shell size: e, a, b, c, d rear mounting type : h rear insert 4-40 g rear insert m3 no digit standard rivet .120 (3.05) f oat mounting front mounting type : vf front screwlock 4-40 vfm front screwlock m3 contact type: p pin s socket con guration: 09, 15, 25, 37, 50 17 - rr - xx - x - xx - xxx o rdering i nformation - rr ( standard density ) wire size: d1: 20 to 24 awg d2: 24 to 28 awg contact type: m male f female packaging : 100 bulkpack unit (100 cts) 400 reel of 400 cts 2k reel of 2000 cts 10k reel of 10000 cts (right feed reel) 10g reel of 10000 cts (left feed reel) full gold plating: 01 8 " (0.2m) 02 20 " (0.5m) 04 30 " (0.76m) selective gold plating: 11 8 " (0.2m) au + 78 " (2m) snpb 12 20 " (0.5m) au + 78 " (2m) snpb 14 30 " (0.76m) au + 78 " (2m) snpb rr-hr s eries i nches ( mm )
t elephone : (416) 754-5656 f ax : (416) 754-8668 e-m ail : sales @ amphenolcanada . com 35 stamped and formed contacts rear release crimp connectors for special request, please consult factory left to right feed reel: g right to left feed reel: k housings contacts xxx - hr - x - x - xx - x - xxx 17 - hr - d2 - x - xx - xxx o rdering i nformation - hr ( high density ) 117: yellow chromated shell 177: tinned shell for receptacle 777: tinned shell + dimples for plug shell size: e, a, b, c, d rear mounting type : h rear insert 4-40 g rear insert m3 no digit standard rivet .120 (3.05) front mounting type : vf front screwlock 4-40 vfm front screwlock m3 contact type: p pin s socket con guration: 15, 26, 44, 62, 78 wire size: 24 to 28 awg contact type: m male f female packaging : 5k reel of 5000 cts (right feed reel) 5g reel of 5000 cts (left feed reel) 10k reel of 10000 cts (right feed reel) 10g reel of 10000 cts (left feed reel) full gold plating: 01 8 " (0.2m) 02 20 " (0.5m) 04 30 " (0.76m) selective gold plating: 11 8 " (0.2m) au + 78 " (2m) snpb 12 20 " (0.5m) au + 78 " (2m) snpb 14 30 " (0.76m) au + 78 " (2m) snpb rr-hr s eries
36 t elephone : (416) 754-5656 f ax : (416) 754-8668 e-m ail : sales @ amphenolcanada . com stamped and formed contacts rear release crimp connectors for standard density crimp contacts: 17rr series contact insertion and removal tool 17d 438 sp hand crimp tool for single contacts awg 20 to 28 17d 440 sp hand crimp tool for reels of 400 contacts fa 0000 762 crimp dies: awg 20 to 24 fa 0000 104 crimp dies: awg 24 to 28 fa 0000 102 stripping box fe 0400 automatic crimp machine for reels of 2000 to 10000 contacts 970 mc crimp dies: awg 20 to 24 968 mc crimp dies: awg 24 to 28 972 mc for high density crimp contacts: 17hr series automatic crimp machine for reels of 2000 to 10000 contacts 970 mc crimp dies: awg 24 to 28 973 mc rr-hr s eries i nches ( mm ) t ooling f or c rimp c ontacts


▲Up To Search▲   

 
Price & Availability of 117-HR-E-15-P-VF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X